![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
190150 - GaAlAs LED Chips - ETC |
|
Click Here View 190150 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BL-B6139B | LED GaAlAS /GaAs Super Red Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| AND190CRP | Ultra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm | ETC |
| BL-BK43V4V-2 | LED GaAlAS /GaAs Super Yellow Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| SSB-COB3816GW | 38mm x 16mm VIEW AREA CHIP ON BOARD LED BACKLIGHT 565NM green 14 chips 4.2v | ETC |
| L161 | OVAL TWO CHIPS IN SERIES LED LAMPS | Kingbright Corporation |
| SSB-COB7248GW | 72mm x 48mm VIEW AREA CHIP ON BOARD LED BACKLIGHT 84 chips 565NM green | ETC |
| SSB-COB13340SYW-B | 133mm x 40mm V.A. SUPER YELLOW LED BACKLIGHT CHIPS ON BOARD 132 CHIPS 4.2V 660mA | ETC |
| L1915_06 | TO-46 type GaAlAs infrared LED | Hamamatsu Corporation |
| BA-3S12UW | red chips which are made from GaAlAs on GaAs substrate. | BRIGHT LED ELECTRONICS CORP |
| MLM-350 | Visible LED Full Color Series 3 Chips in 1 Package | Micro Electronics |
Link URL |
|
|
Related keyword |
| 190150 Datasheet | 190150 Cross Reference | 190150 Schematic | 190150 Distributor | 190150 Datenblatt | 190150 RoHS |
| 190150 Equivalent | 190150 Application Notes | 190150 Data Sheet | 190150 component | 190150 Fiche Technique | 190150 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |