|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MIC4421A - 9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process - Micrel Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SC1301A | 2A High Speed Low-Side MOSFET Driver in SOT-23 | 1 2 3 4 5 More | Semtech Corporation |
| IXDD404_07 | 4 Amp Dual Low-Side Ultrafast MOSFET Driver | 1 2 3 4 5 More | IXYS Corporation |
| SC1302A | Dual High Speed Low-Side MOSFET Driver | 1 2 3 4 5 More | Semtech Corporation |
| NCP3418B | MOSFET Driver with Dual Outputs for Synchronous Buck Converters | 1 2 3 4 5 More | ON Semiconductor |
| HIP4081A_04 | 80V/2.5A Peak High Frequency Full Bridge FET Driver | 1 2 3 4 5 More | Intersil Corporation |
| MOC3061-M_05 | 6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER 600V PEAK | 1 2 3 4 5 More | Fairchild Semiconductor |
| 33287 | Contact Monitoring and Dual Low-Side Protected Driver | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MCP1401 | Tiny 500 mA High-Speed Power MOSFET Driver | 1 2 3 4 5 More | Microchip Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|