Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7196 Datasheet (PDF) - NTE Electronics

NTE7196 Datasheet PDF - NTE Electronics
Part # NTE7196
Download  NTE7196 Download

File Size   56.33 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit H-Bridge with Motor Control

NTE7196 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7196 Datasheet PDF - NTE Electronics

Part # NTE7196
Download  NTE7196 Click to download

File Size   56.33 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit H-Bridge with Motor Control

NTE7196 Datasheet (HTML) - NTE Electronics

NTE7196 Datasheet HTML 1Page - NTE Electronics NTE7196 Datasheet HTML 2Page - NTE Electronics NTE7196 Datasheet HTML 3Page - NTE Electronics

NTE7196 Product details

Description:

The NTE7196 is a 3A H-Bridge in an 11-Lead Staggered SIP type package designed for motion control applications. The device is built using a multi-technology process which combines bipolar and CMOS control circuitry with DMOS power devices on the same monolithic structure. The H-Bridge configuration is ideal for driving DC and stepper motors. The NTE7196 accommodates peak output currents up to 6A. Current sensing can be achieved via a small sense resistor connected in series with the power ground lead. For current sensing without disturbing the path of current to the load, the NTE7196 is recommended.



Features:

Delivers up to 3A Continuous Output

Operates at Supply Voltages up to 55V

Low RDS(ON) Typically 0.33Ω per Switch

TTL and CMOS Compatible Inputs

No “Shoot-Through” Current

Thermal Warning Flag Output at +145°C

Thermal Shutdown (Outputs off) at +170°C

Internal Clamp Diodes

Shorted Load Protection

Internal Charge Pump w/External Bootstrap Capability



Applications:

DC and Stepper Motor Drives

Position and Velocity Servomechanisms

Factory Automation Robots

Numerically Controlled Machinery

Computer Printers and Plotters




Similar Part No. - NTE7196

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE71 NTE-NTE71 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Current Amp, Fast Switch
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
   Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
More results


Similar Description - NTE7196

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
   Integrated Circuit Bridge Driver for DC Motor Control
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
STMicroelectronics
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
   FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com