|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
63510-C - 438 PCB Barrier Terminal Strip, 600V - ETC |
|
Click 63510-C to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STGB6NC60HD | N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT | STMicroelectronics |
| STGP10NB60S_05 | N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT | STMicroelectronics |
| FCB20N60F | 600V N-CHANNEL FRFET | Fairchild Semiconductor |
| FQB3N60C_0605 | 600V N-Channel MOSFET | Fairchild Semiconductor |
| 6MBP50TEA060 | Econo IPM series 600V / 50A 6 in one-package | Fuji Electric |
| STB12NM60N | N-channel 600V - 0.35¥Ø - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh¢â Power MOSFET | STMicroelectronics |
| 7MBR100U2B060 | IGBT MODULE U series 600V / 100A / PIM | Fuji Electric |
| STGBL6NC60D | N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT | STMicroelectronics |
| V30120S | High-Voltage Trench MOS Barrier Schottky Rectifier | Vishay Siliconix |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
Link URL |
|
|
Related keyword |
| 63510-C Datasheet | 63510-C Cross Reference | 63510-C Schematic | 63510-C Distributor | 63510-C Datenblatt | 63510-C RoHS |
| 63510-C Equivalent | 63510-C Application Notes | 63510-C Data Sheet | 63510-C component | 63510-C Fiche Technique | 63510-C Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |