|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AXIOM40S - OCXO with Stratum 3E stabilitiy - Advanced XTAL Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AXIOM20S | OCXO in DIL14 package with Stratum III stability | 1 2 | Advanced XTAL Products |
| AXIOM30S | OCXO Miniature size with Stratum 3E stability | 1 2 | Advanced XTAL Products |
| AXIOM10S | OCXO in SMD package for Stratum III and Stratum IIIe | 1 2 | Advanced XTAL Products |
| ZL50019_06 | Enhanced 2 K Digital Switch with Stratum 4E DPLL | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ZL50021_0611 | Enhanced 4 K Digital Switch with Stratum 3 DPLL | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ZL50022_06 | Enhanced 4 K Digital Switch with Stratum 4E DPLL | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| HCD332 | 5V OCXO HCMOS OUTPUT STRATUM 3E | 1 | Golledge Electronics Ltd |
| DS3102 | Stratum 3 Timing Card IC with Synchronous Ethernet Support | 1 2 3 4 5 More | Maxim Integrated Products |
| ZL30409_06 | T1/E1 System Synchronizer with Stratum 3 Holdover | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ZL50015_06 | Enhanced 1 K Digital Switch with Stratum 4E DPLL | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
Datasheet Page |
1 2 |
Link URL |
|
|