|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AXIOM20 - OCXO in DIL14 package, HCMOS Output - Advanced XTAL Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HCD180 | OCXO HCMOS OUTPUT | 1 | Golledge Electronics Ltd |
| HCD190 | OCXO HCMOS OUTPUT | 1 | Golledge Electronics Ltd |
| HCD332 | 5V OCXO HCMOS OUTPUT STRATUM 3E | 1 | Golledge Electronics Ltd |
| SCOCXOT | 12V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| SCOCXOVT | 5V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| HCD71 | 12V OCXO Sine Output | 1 | Golledge Electronics Ltd |
| RW-0505D | 3 Watt DIP24 low Profile package Dual Regulated Output | 1 2 | Recom International Power |
| GP1L52VJ000F | Gap : 3mm Slit : 0.5mm Darlington Phototransistor Output Case package Transmissive Photointerrupter | 1 2 3 4 5 More | Sharp Electrionic Components |
| GP1A51HRJ00F | Gap : 3mm Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter | 1 2 3 4 5 More | Sharp Electrionic Components |
| GP1S56TJ000F | Gap : 2mm Slit : 0.15mm Phototransistor Output Case package Transmissive Photointerrupter | 1 2 3 4 5 More | Sharp Electrionic Components |
Datasheet Page |
1 2 |
Link URL |
|
|