|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AXE20 - Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U) - Advanced XTAL Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HF9312 | HALF-SIZE CRYSTAL CAN HERMETICALLY SEALED RELAY WITH ESTABLISHED RELIABILITY | 1 2 3 | List of Unclassifed Manufacturers |
| CXOM | Low Profile Miniature Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| 2N6792 | N-Channel MOSFET in a Hermetically sealed TO39 Metal Package | 1 | Seme LAB |
| LSM | Low Power Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| 2N6784 | N-Channel MOSFET in a Hermetically sealed TO39 Metal Package | 1 | Seme LAB |
| 2N4393DCSM | SMALL SIGNAL DUAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS | 1 2 | Sames |
| ACPE | FUNDAMENTAL FREQUENCY LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| LXOM-AT | Low Power Crystal Oscillator | 1 2 | STATEK CORPORATION |
| CXO | Low Profile Miniature Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| 2N6851 | P-Channel MOSFET in a Hermetically sealed TO39 Metal Package | 1 | Seme LAB |
Datasheet Page |
1 2 |
Link URL |
|
|