Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLE12EC6T Datasheet (PDF) - Rohm

SMLE12EC6T Datasheet PDF - Rohm
Part # SMLE12EC6T
Download  SMLE12EC6T Download

File Size   103.17 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)

SMLE12EC6T Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLE12EC6T Datasheet PDF - Rohm

Part # SMLE12EC6T
Download  SMLE12EC6T Click to download

File Size   103.17 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)

SMLE12EC6T Datasheet (HTML) - Rohm

SMLE12EC6T Datasheet HTML 1Page - Rohm SMLE12EC6T Datasheet HTML 2Page - Rohm SMLE12EC6T Datasheet HTML 3Page - Rohm



Similar Part No. - SMLE12EC6T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   EXCELEDTM series
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   SML-E1 Series
More results


Similar Description - SMLE12EC6T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
   <1.6 0.8 t=0.55mm> Low Current Type
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
90885 ROHM-90885 Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SML-211DTT86K ROHM-SML-211DTT86K Datasheet
116Kb / 3P
   0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com