|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N60L - 2 Amps,600/650 Volts N-CHANNEL MOSFET - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTB35N15 | Power MOSFET 37 Amps 150 Volts N-Channel Enhancement-Mode D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| SFF40N30B | 40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF40N30-3 | 40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF120-28Q | 9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF1310M | 40 AMPS 200 VOLTS 0.050 Ω N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF15N80-3 | 15 AMPS 800 VOLTS 0.60 Ω N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
| 7N60A | 7 Amps 600/650 Volts N-CHANNEL MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 50N06 | 50 Amps 60 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 1N60 | 1.2 Amps 600 Volts N-CHANNEL MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 7N70 | 7 Amps 700 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|