|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KMA2D4P20S - P-Ch Trench MOSFET - KEC(Korea Electronics) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KMB3D0P30SA | P-Ch Trench MOSFET | 1 2 3 4 5 | KEC(Korea Electronics) |
| KMB3D5PS30QA | SBD and P-Ch Trench MOSFET | 1 2 3 4 5 | KEC(Korea Electronics) |
| KMB7D0NP30QA | N and P-Ch Trench MOSFET | 1 2 3 4 5 More | KEC(Korea Electronics) |
| KMB7D1DP30QA | Dual P-Ch Trench MOSFET | 1 2 3 4 5 | KEC(Korea Electronics) |
| KMB010P30QA | P-Ch Trench MOSFET | 1 2 3 4 | KEC(Korea Electronics) |
| KMB014P30QA | P-Ch Trench MOSFET | 1 2 3 4 | KEC(Korea Electronics) |
| FDMS3672 | N-Channel UltraFET Trench MOSFET 100V 22A 23mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| SFF75N08M | 55 AMP note 1 /75 Volts 8.5 mO N-Channel Trench Gate MOSFET | 1 2 | Solid States Devices, Inc |
| FDMS5672 | N-Channel UltraFET Trench MOSFET 60V 22A 11.5mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA2712 | N-Channel UltraFET Trench MOSFET 250V 64A 34mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|