|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JSB-53FA - Time Relays - C&D Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DPB02CM23 | Monitoring Relays True RMS 3-Phase Phase Sequence/Loss - Asymmetry | 1 2 3 4 | List of Unclassifed Manufacturers |
| 2904-05-101 | Reed Relays | 1 2 | Coto Technology |
| JQX-14FC_07 | NHG RELAYS | 1 2 3 4 | DB Lectro Inc |
| 1202C | 200 V - 1 000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| LTI202TN | 200 V - 1 000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| Z25FG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| ISL12029 | Real Time Clock/Calendar with EEPROM | 1 2 3 4 5 More | Intersil Corporation |
| 239P | 5 x 20 mm Time Lag Fuse Slo-Blo Fuse | 1 2 | Littelfuse |
| X150FG | 15 000 V - 20 000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| LA1652C | Monolithic Linear IC Time Code Reception IC | 1 2 3 4 5 | Sanyo Semicon Device |
Datasheet Page |
1 2 |
Link URL |
|
|