Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM236D Datasheet (PDF) - STMicroelectronics

LM236D Datasheet PDF - STMicroelectronics
Part # LM236D
Download  LM236D Download

File Size   904.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V VOLTAGE REFERENCES

LM236D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM236D Datasheet PDF - STMicroelectronics

Part # LM236D
Download  LM236D Click to download

File Size   904.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V VOLTAGE REFERENCES

LM236D Datasheet (HTML) - STMicroelectronics

LM236D Datasheet HTML 1Page - STMicroelectronics LM236D Datasheet HTML 2Page - STMicroelectronics LM236D Datasheet HTML 3Page - STMicroelectronics LM236D Datasheet HTML 4Page - STMicroelectronics LM236D Datasheet HTML 5Page - STMicroelectronics LM236D Datasheet HTML 6Page - STMicroelectronics LM236D Datasheet HTML 7Page - STMicroelectronics LM236D Datasheet HTML 8Page - STMicroelectronics LM236D Datasheet HTML 9Page - STMicroelectronics LM236D Datasheet HTML 10Page - STMicroelectronics

LM236D Product details

Description
The LM236 and LM336 are precision 2.5V regulator diodes. These voltage reference monolithic ICs operate like 2.5V Zener diodes with a low temperature coefficient and a dynamic impedance of 0.2Ω. A third pin enables adjusting the reference voltage and the temperature coefficient.

Features
● Low temperature coefficient
● Wide operating current of 400µA to 10mA
● 0.2Ω dynamic impedance
● Guaranteed temperature stability
● Fast turn-on




Similar Part No. - LM236D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM236D STMICROELECTRONICS-LM236D Datasheet
426Kb / 15P
   2.5V voltage references
logo
Texas Instruments
LM236D-2-5 TI-LM236D-2-5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236D-2-5 TI-LM236D-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM236D-2-5 TI1-LM236D-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM236D-2-5 TI1-LM236D-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results


Similar Description - LM236D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
   2.5V VOLTAGE REFERENCES
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com