|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFB3806PBF - HEXFETPower MOSFET - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SI6862DQ | Dual N-Channel 20-V D-S MOSFET with Current Sense | 1 2 3 4 5 More | Vishay Siliconix |
| ADP3120A | Dual Bootstrapped 12 V MOSFET Driver with Output Disable | 1 2 3 4 5 More | Analog Devices |
| NTK3139P | Power MOSFET −20 V −780 mA Single P−Channel with ESD Protection SOT−723 | 1 2 3 4 5 | ON Semiconductor |
| IRF6616 | DirectFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLW610A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFZ24A | ADVANCED POWER MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRHF57034 | RADIATION HARDENED POWER MOSFET THRU-HOLE TO-39 | 1 2 3 4 5 More | International Rectifier |
| 2SK3646-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| JANTX2N7228U | POWER MOSFET SURFACE MOUNT SMD-1 | 1 2 3 4 5 More | International Rectifier |
| 2N6784 | 2.25A 200V 1.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|