|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ST890D - 1.2 A current limited high side power switch with thermal shutdown - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ST890_05 | 1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN | 1 2 3 4 5 More | STMicroelectronics |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| NTLJD2105L | POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| IR3315 | LOW EMI CURRENT SENSE HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| IPS7091GPBF | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| LME49811 | High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown | Coming Soon | Intersil Corporation |
| IR3314PBF | PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| SP619 | High Current Power Switch | 1 2 3 4 5 More | Sipex Corporation |
| VND5004A-E | Double 4mΩ high side driver with analog current sense for automotive applications | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|