|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DTC143EUB - 100mA / 50V Digital transistors (with built-in resistors) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTD113EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD113ZK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 4 | Rohm |
| DTD114EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD114GK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD122JK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD123EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD143EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTA143ZM | -100mA / -50V Digital transistors with built-in resistors | 1 2 3 4 | Rohm |
| DTB543XE | -500mA / -12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD513ZE | 500mA / 12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|