Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF157 Datasheet (PDF) - STMicroelectronics

LF157 Datasheet PDF - STMicroelectronics
Part # LF157
Download  LF157 Download

File Size   250.11 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS

LF157 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF157 Datasheet PDF - STMicroelectronics

Part # LF157
Download  LF157 Click to download

File Size   250.11 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS

LF157 Datasheet (HTML) - STMicroelectronics

Back Button LF157 Datasheet HTML 1Page - STMicroelectronics LF157 Datasheet HTML 2Page - STMicroelectronics LF157 Datasheet HTML 3Page - STMicroelectronics LF157 Datasheet HTML 4Page - STMicroelectronics LF157 Datasheet HTML 5Page - STMicroelectronics LF157 Datasheet HTML 6Page - STMicroelectronics LF157 Datasheet HTML 7Page - STMicroelectronics LF157 Datasheet HTML 8Page - STMicroelectronics LF157 Datasheet HTML 9Page - STMicroelectronics LF157 Datasheet HTML 10Page - STMicroelectronics Next Button 

LF157 Product details

DESCRIPTION
These circuits are monolithic J-FET input operational amplifiers incorporating well matched, high voltage J-FET on the same chip with standard bipolar transistors.
This amplifiers feature low input bias and offset currents, low input offset voltage and input offset voltage drift,coupled with offset adjust which does not degrade drift or common-mode rejection.
The devices are also designed for high slew rate, wide bandwidth,extremely fast settling time, low voltage and current noise and a low 1/f noise level.

■ HIGH INPUT IMPEDANCE J-FET INPUT STAGE
■ HIGH SPEED J-FET OP-AMPs : up to 20MHz, 50V/µs
■ OFFSETVOLTAGEADJUSTMENT DOES NOT
   DEGRADE DRIFT OR COMMON-MODE
   REJECTION AS IN MOST OF MONOLITHIC
   AMPLIFIERS
■ INTERNAL COMPENSATION AND LARGE
   DIFFERENTIAL INPUTVOLTAGECAPABILITY
   (UP TO VCC+)

TYPICAL APPLICATIONS
■ PRECISION HIGH SPEED INTEGRATORS
■ FAST D/A AND CONVERTERS
■ HIGH IMPEDANCE BUFFERS
■ WIDEBAND, LOW NOISE, LOW DRIFT AMPLIFIERS
■ LOGARITHIMIC AMPLIFIERS
■ PHOTOCELL AMPLIFIERS
■ SAMPLE AND HOLD CIRCUITS




Similar Part No. - LF157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF157 NSC-LF157 Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
LF157A NSC-LF157A Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
LF157AH NSC-LF157AH Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
LF157H NSC-LF157H Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
LF157J NSC-LF157J Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
More results


Similar Description - LF157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF153 STMICROELECTRONICS-LF153_01 Datasheet
723Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
LF153 STMICROELECTRONICS-LF153 Datasheet
99Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
   WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
December 1998
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com