|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZL10 - 10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN) - Pericom Semiconductor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CQFP | Ceramic Quad Flat Pack Package | 1 | Amkor Technology |
| NQS | .025â Pitch DIP Precision Thin Film Surface Mount Resistor Networks | 1 2 3 4 5 | Bi technologies |
| LQFP | Low Profile Quad Flat Pack LQFP Packages | 1 2 | Amkor Technology |
| WP13ID | 2mm FLAT TOP LED LAMP | 1 2 3 | Kingbright Corporation |
| TCH-A | Flat Mains Transformer | 1 2 3 | ECM Electronics Limited. |
| C9311DK | Flat panel sensor High sensitivity high-speed frame rate high resolution | 1 2 3 4 5 More | Hamamatsu Corporation |
| DS90C385A_06 | +3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz | 1 2 3 4 5 More | National Semiconductor |
| FODM121 | 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers | 1 2 3 4 5 More | Fairchild Semiconductor |
| FCZ100C-04RS-K_07 | 1.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| MC74HC4316A | Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|