Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4306 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4306 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4306_08
Download  PE4306 Download

File Size   454.22 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz

PE4306 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4306 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4306_08
Download  PE4306 Click to download

File Size   454.22 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz

PE4306 Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button PE4306_08 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4306_08 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 



Similar Part No. - PE4306_08

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306-EK PEREGRINE-PE4306-EK Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306_16 Datasheet
316Kb / 3P
   TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results


Similar Description - PE4306_08

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
   Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com