![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 1N4480(3) 1N4481(3) 1N4482(3) 1N4483(3) 1N4484(3) 1N4485(3) 1N4486(3) 1N4487(3) 1N4488(3) 1N4489(3) |
|
Click Here View 1N4484 Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| EDZ5.1B_1 | Zener diode | Rohm |
| EMZ6.8N | Zener diode | Rohm |
| UDZ5V6B_1 | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| DDZ9689T | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| MMBZ5221B | 350mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| 1N5348BE | 5 Watt Zener Diode 11 to 200 Volts | Micro Commercial Components |
| BZT52C2V4S | 200mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| MMSZ5221B | 500mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| SZ3C1 | Surface mount diode Zener silicon diodes | Semikron International |
| 1N4729A | GLASS PASSIVATED JUNCTION SILICON ZENER DIODE | Pan Jit International Inc. |
| Related keyword |
| 1N4484 Datasheet | 1N4484 Cross Reference | 1N4484 Schematic | 1N4484 Distributor | 1N4484 Datenblatt | 1N4484 RoHS |
| 1N4484 Equivalent | 1N4484 Application Notes | 1N4484 Data Sheet | 1N4484 component | 1N4484 Fiche Technique | 1N4484 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |