![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N4478 - Zener 1.5W DIODE - Sensitron |
|
Click Here View 1N4478 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| EDZ5.1B_1 | Zener diode | Rohm |
| EMZ6.8N | Zener diode | Rohm |
| UDZ5V6B_1 | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| DDZ9689T | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| MMBZ5221B | 350mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| 1N5348BE | 5 Watt Zener Diode 11 to 200 Volts | Micro Commercial Components |
| BZT52C2V4S | 200mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| MMSZ5221B | 500mW SURFACE MOUNT ZENER DIODE | Won-Top Electronics |
| SZ3C1 | Surface mount diode Zener silicon diodes | Semikron International |
| 1N4729A | GLASS PASSIVATED JUNCTION SILICON ZENER DIODE | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| 1N4478 Datasheet | 1N4478 Cross Reference | 1N4478 Schematic | 1N4478 Distributor | 1N4478 Datenblatt | 1N4478 RoHS |
| 1N4478 Equivalent | 1N4478 Application Notes | 1N4478 Data Sheet | 1N4478 component | 1N4478 Fiche Technique | 1N4478 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |