|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM3405XMK - 1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs - National Semiconductor |
|
|
| ||||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM3405 | 550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs | 1 2 | National Semiconductor |
| LM3404_07 | 1.0A Constant Current Buck Regulator for Driving High Power LEDs | Coming Soon | National Semiconductor |
| LM3402_07 | 0.5A Constant Current Buck Regulator for Driving High Power LEDs | Coming Soon | National Semiconductor |
| NCP3065 | Up to 1.5 A Constant Current Switching Regulator for LEDs | 1 2 3 4 5 More | ON Semiconductor |
| LM3407 | 350 mA Constant Current Output Floating Buck Switching Converter for High Power LEDs | Coming Soon | National Semiconductor |
| LM3405A | 1.6MHz 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package | Coming Soon | National Semiconductor |
| MAX1698_07 | High-Efficiency Step-Up Current Regulator for LEDs | 1 2 3 4 5 More | Maxim Integrated Products |
| ISL9107 | 1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
Link URL |
|
|