|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMBZ5221B - 350mW Surface Mount Zener Diode - Galaxy Semi-Conductor Holdings Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| MMBZ5221B_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| BZX84C43_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| MMBZ5221B | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Won-Top Electronics |
| BZX84C2V4_06 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 5 | Won-Top Electronics |
| BZX84C2V4 | 350mW Surface Mount Zener Diode | 1 2 3 4 5 | Galaxy Semi-Conductor Holdings Limited |
| TBZ363C5V5_1 | TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY | 1 2 | Diodes Incorporated |
| AZ23C5V6W_1 | 200mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZX5V1B | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| 1SMA5914 | SURFACE MOUNT SILICON ZENER DIODE | 1 2 3 4 | Pan Jit International Inc. |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|