|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
5KP33 - TRANSIENT VOLTAGE SUPPRESSOR - Galaxy Semi-Conductor Holdings Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA3075WALT1_05 | Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection | 1 2 3 4 | ON Semiconductor |
| 1.5KE6V8A_1 | 1500W TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | 1 2 3 4 | Comchip Technology |
| P4SMAJ_06 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 More | Won-Top Electronics |
| SMBJ5.0 | Surface Mount Transient Voltage Suppressor | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| TGL41-6 | Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes | 1 2 3 | Semikron International |
| 1.5SMCJ | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Pan Jit International Inc. |
| V18AUMLA1206_06 | Multilayer Transient Voltage Surge Suppressor | 1 2 3 4 5 More | Littelfuse |
| 1SMF16BT1 | Zener Transient Voltage Suppressor SOD-123 Flat Lead Package | 1 2 3 4 | ON Semiconductor |
| SMS05C | 5-Line Transient Voltage Suppressor Array | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|