![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5KP5.0 - TRANSIENT VOLTAGE SUPPRESSOR - Galaxy Semi-Conductor Holdings Limited |
|
Click Here View 5KP5.0 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MA3075WALT1_05 | Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection | ON Semiconductor |
| 1.5KE6V8A_1 | 1500W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | Comchip Technology |
| P4SMAJ_06 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| SMBJ5.0 | Surface Mount Transient Voltage Suppressor | Taiwan Semiconductor Company, Ltd |
| TGL41-6 | Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes | Semikron International |
| 1.5SMCJ | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Pan Jit International Inc. |
| V18AUMLA1206_06 | Multilayer Transient Voltage Surge Suppressor | Littelfuse |
| 1SMF16BT1 | Zener Transient Voltage Suppressor SOD-123 Flat Lead Package | ON Semiconductor |
| SMS05C | 5-Line Transient Voltage Suppressor Array | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 5KP5.0 Datasheet | 5KP5.0 Cross Reference | 5KP5.0 Schematic | 5KP5.0 Distributor | 5KP5.0 Datenblatt | 5KP5.0 RoHS |
| 5KP5.0 Equivalent | 5KP5.0 Application Notes | 5KP5.0 Data Sheet | 5KP5.0 component | 5KP5.0 Fiche Technique | 5KP5.0 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |