![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1ZB8.2 - ZENER DIODES - Galaxy Semi-Conductor Holdings Limited |
|
Click Here View 1ZB8.2 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N821_1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | Microsemi Corporation |
| CZRW55C2V4-G | Surface Mount Zener Diodes | Comchip Technology |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | Solid States Devices, Inc |
| ZMD1 | Surface mount diode Zener silicon diodes | Semikron International |
| 2EZ11_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX85C | SILICON PLANAR ZENER DIODES | TRANSYS Electronics Limited |
| BZX55C2V4 | 1/2 Watt ZENER DIODES 2.4V to 91V | First Components International |
| BZV58C10_06 | Zener silicon diodes | Semikron International |
| MTZJ | ZENER DIODES | Galaxy Semi-Conductor Holdings Limited |
Link URL |
|
|
Related keyword |
| 1ZB8.2 Datasheet | 1ZB8.2 Cross Reference | 1ZB8.2 Schematic | 1ZB8.2 Distributor | 1ZB8.2 Datenblatt | 1ZB8.2 RoHS |
| 1ZB8.2 Equivalent | 1ZB8.2 Application Notes | 1ZB8.2 Data Sheet | 1ZB8.2 component | 1ZB8.2 Fiche Technique | 1ZB8.2 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |