|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N4735 - ZENER DIODES - Galaxy Semi-Conductor Holdings Limited |
|
Click 1N4735 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N821_1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | Microsemi Corporation |
| CZRW55C2V4-G | Surface Mount Zener Diodes | Comchip Technology |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | Solid States Devices, Inc |
| ZMD1 | Surface mount diode Zener silicon diodes | Semikron International |
| 2EZ11_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX85C | SILICON PLANAR ZENER DIODES | TRANSYS Electronics Limited |
| BZX55C2V4 | 1/2 Watt ZENER DIODES 2.4V to 91V | First Components International |
| BZV58C10_06 | Zener silicon diodes | Semikron International |
| 1N821UR-1 | TEMPERATURE COMPENSATED ZENER DIODES | Microsemi Corporation |
Link URL |
|
|
Related keyword |
| 1N4735 Datasheet | 1N4735 Cross Reference | 1N4735 Schematic | 1N4735 Distributor | 1N4735 Datenblatt | 1N4735 RoHS |
| 1N4735 Equivalent | 1N4735 Application Notes | 1N4735 Data Sheet | 1N4735 component | 1N4735 Fiche Technique | 1N4735 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |