|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L6260 - 4.5 - 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO’S - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L6254 | 12V DISK DRIVE SPINDLE & VCM POWER & CONTROL âCOMBOâ | 1 2 3 4 5 More | STMicroelectronics |
| L6268 | 12V DISK DRIVE SPINDLE & VCM POWER & CONTROL âCOMBOâ | 1 2 3 4 5 More | STMicroelectronics |
| L6269 | 12V DISK DRIVE SPINDLE & VCM POWER & CONTROL âCOMBOâ | 1 2 3 4 5 More | STMicroelectronics |
| L6275 | 5V DISK DRIVE SPINDLE & VCM POWER & CONTROL âCOMBOâ | 1 2 3 4 5 More | STMicroelectronics |
| L7200 | MOZART 12V DISK DRIVE SPINDLE & VCM POWER & CONTROL âCOMBOâ | 1 2 3 4 5 More | STMicroelectronics |
| L7207 | Dual mode disk drive spindle and VCM motor driver | 1 2 3 | STMicroelectronics |
| AN8470NSA | Spindle motor driver IC for optical disk | 1 2 3 4 5 More | Panasonic Semiconductor |
| AN8472SA | Spindle motor driver IC for optical disk | 1 2 3 4 5 More | Panasonic Semiconductor |
| SY88952L | 3.3V 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL | 1 2 3 4 5 More | Micrel Semiconductor |
| HA13566AF | Combo Spindle & VCM Driver | 1 2 3 4 5 More | Hitachi Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 |
Link URL |
|
|