|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L6246 - 12V VOICE COIL MOTOR DRIVER - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KA2811C | 12V Spindle Motor and Voice Coil Motor Driver | 1 2 3 4 5 More | Fairchild Semiconductor |
| FAN8620B | 12V Spindle Motor and Voice Coil Motor Driver | 1 2 3 4 5 More | Fairchild Semiconductor |
| FAN8621B | 12V Spindle Motor and Voice Coil Motor Driver IC | 1 2 3 4 5 More | Fairchild Semiconductor |
| TDA5147CH | 12 V Voice Coil Motor VCM driver and spindle motor drive combination chip | 1 2 3 4 5 More | NXP Semiconductors |
| TDA5147K | 12 V Voice Coil Motor VCM driver and spindle motor drive combination chip | 1 2 3 4 5 More | NXP Semiconductors |
| TDA5149G | 12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip | 1 2 3 4 5 More | NXP Semiconductors |
| 8936 | VOICE COIL MOTOR DRIVER | 1 2 3 4 5 More | Allegro MicroSystems |
| HA13470 | VOICE COIL MOTOR DRIVER | 1 2 3 4 5 More | Hitachi Semiconductor |
| 8958 | VOICE COIL MOTOR DRIVER | 1 2 3 4 5 More | Allegro MicroSystems |
| L6242 | VOICE COIL MOTOR DRIVER | 1 2 3 4 5 | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|