|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD8024AR - Quad 350 MHz 24 V Amplifier - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD8012_03 | Dual 350 MHz Low Power Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8044_04 | Quad 150 MHz Rail-to-Rail Amplifier | 1 2 3 4 5 More | Analog Devices |
| HMC356LP3_06 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 350 - 550 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SDM-09060-B1F | 925-960 MHz Class AB 65W Power Amplifier Module | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| SGA-5386 | DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier | 1 2 3 4 | SIRENZA MICRODEVICES |
| SGA-4186 | DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier | 1 2 3 4 | SIRENZA MICRODEVICES |
| SGL-0163 | 100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MHW9182CN | 1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE | 1 2 3 4 5 | Freescale Semiconductor, Inc |
| A28_1 | Cascadable Amplifier 10 to 1500 MHz | 1 2 | Tyco Electronics |
| A54_1 | Cascadable Amplifier 5 to 500 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|