Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM-2-13 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION

SGM-2-13 Datasheet PDF - SYNERGY MICROWAVE CORPORATION
Part # SGM-2-13
Download  SGM-2-13 Download

File Size   285.67 Kbytes
Page   3 Pages
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION
Description DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 250 - 3250 MHz

SGM-2-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM-2-13 Datasheet PDF - SYNERGY MICROWAVE CORPORATION

Part # SGM-2-13
Download  SGM-2-13 Click to download

File Size   285.67 Kbytes
Page   3 Pages
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION
Description DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 250 - 3250 MHz

SGM-2-13 Datasheet (HTML) - SYNERGY MICROWAVE CORPORATION

SGM-2-13 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SGM-2-13 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SGM-2-13 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION



Similar Part No. - SGM-2-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
SYNERGY MICROWAVE CORPO...
SGM-2-17 SYNERGY-SGM-2-17 Datasheet
252Kb / 4P
   DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH 250 - 3250 MHz
More results


Similar Description - SGM-2-13

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SGM-2-17 SYNERGY-SGM-2-17 Datasheet
252Kb / 4P
   DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH 250 - 3250 MHz
SGS-5-13 SYNERGY-SGS-5-13 Datasheet
335Kb / 6P
   DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-17 SYNERGY-SGS-5-17 Datasheet
347Kb / 6P
   DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
   DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SMD6000 SYNERGY-SMD6000 Datasheet
201Kb / 2P
   DOUBLE BALANCED MIXER ULTRA WIDE BANDWIDTH 1 - 6000 MHz
SMD-3500 SYNERGY-SMD-3500 Datasheet
244Kb / 2P
   TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
SGM-3-13 SYNERGY-SGM-3-13 Datasheet
258Kb / 4P
   DOUBLE-BALANCED MIXER SURFACE SURFACE 1350 - 7000 MHz
logo
SIRENZA MICRODEVICES
SPM6-250H SIRENZA-SPM6-250H Datasheet
82Kb / 1P
   LOW COST MINIATURE DOUBLE BALANCED MIXER 50-250 MHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
   Surface Mount Double-Balanced Mixer, 10 - 500 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com