|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SDL-4 - 2-WAY POWER DIVIDER SURFACE MOUNT MODEL - SYNERGY MICROWAVE CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDL-4 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | List of Unclassifed Manufacturers |
| SD2200 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| DFS-905 | 6-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| DSS-585 | 8-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| DSK-7M2B | 2-WAY POWER DIVIDER CONNECTORIZED MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| DSK-719S | 2-WAY POWER DIVIDER MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| SPD-90-210 | 4-WAY POWER DIVIDER SURFACE MOUNT OPTIMIZED BANDWIDTH 900 - 2100 MHz | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| SPD-5-1000 | 4-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 5 - 1000 MHz | 1 2 | SYNERGY MICROWAVE CORPORATION |
| SPD-3-7 | 3-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 20 - 1200 MHz | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| DSS-333 | Surface Mount Two-Way Power Divider 10 - 500 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|