|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DEK-701S - 5-WAY POWER DIVIDER MODEL - SYNERGY MICROWAVE CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DCK-7J2S | 3-WAY POWER DIVIDER CONNECTORIZED MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| SDL-4 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | List of Unclassifed Manufacturers |
| DS-113 | Two-Way Power Divider 400 KHz - 400 MHz | 1 2 3 | Tyco Electronics |
| CEEH135 | General Power Transformer | 1 | Sumida Corporation |
| DS52-0014 | Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz | 1 2 3 4 | Tyco Electronics |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| DFS-905 | 6-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| SPD-90-210 | 4-WAY POWER DIVIDER SURFACE MOUNT OPTIMIZED BANDWIDTH 900 - 2100 MHz | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| CDRH127B | POWER INDUCTORS | 1 2 | Sumida Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|