|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DCK-7J2S - 3-WAY POWER DIVIDER CONNECTORIZED MODEL - SYNERGY MICROWAVE CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDL-4 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | List of Unclassifed Manufacturers |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| DS52-0014 | Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz | 1 2 3 4 | Tyco Electronics |
| CEEH135 | General Power Transformer | 1 | Sumida Corporation |
| MAPDCC0003 | Low Cost Two-Way SMT Power Divider 1510-1600 MHz | 1 2 3 4 | Tyco Electronics |
| PD1722J5050S3 | Ultra Low Profile 0805 Power Divider 3 Way 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| MAPDCC0001 | Low Cost Two-Way SMT Power Divider | 1 2 3 4 | Tyco Electronics |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| MAPDCT0032 | 3 Way 0 Degree Power Divider 5 to 1200 MHz | 1 2 3 | Tyco Electronics |
| DSS-333 | Surface Mount Two-Way Power Divider 10 - 500 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|