|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MBR1030CT - DUAL SCHOTTKY RECTIFIERS - Galaxy Semi-Conductor Holdings Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SR1020CT | DUAL SCHOTTKY RECTIFIERS | 1 2 | Galaxy Semi-Conductor Holdings Limited |
| SR1520CT | DUAL SCHOTTKY RECTIFIERS | 1 2 | Galaxy Semi-Conductor Holdings Limited |
| SR1620CT | DUAL SCHOTTKY RECTIFIERS | 1 2 | Galaxy Semi-Conductor Holdings Limited |
| SR2020CT | DUAL SCHOTTKY RECTIFIERS | 1 2 | Galaxy Semi-Conductor Holdings Limited |
| SRF1070CE | Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers | 1 2 | Mospec Semiconductor |
| MBR2070CT | DUAL SCHOTTKY RECTIFIERS | 1 2 | Galaxy Semi-Conductor Holdings Limited |
| SN74LS153 | Dual 4-Input Multiplexer LOW POWER SCHOTTKY | 1 2 3 4 5 More | ON Semiconductor |
| BAT54CLT1 | Dual Series Schottky Barrier Diodes | 1 2 3 4 | ON Semiconductor |
| SB620CT | 6.0A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SB8150DC | 8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|