|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MBRF1535CT - SCHOTTKY BARRIER RECTIFIER - Galaxy Semi-Conductor Holdings Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5817_1 | 1.0A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SD930_1 | HIGH CURRENT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR1070CT_1 | 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| PDS5100H_1 | 5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Diodes Incorporated |
| B3L30LP | 3A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| USCD022 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Zowie Technology Corporation |
| CDBB220-G | SMD Schottky Barrier Rectifier | 1 2 | Comchip Technology |
| SBL820 | 8 Amp Schottky Barrier Rectifier 20 to 60 Volts | 1 2 3 | Micro Commercial Components |
| S20D30C | 20A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SB820FCT | 8.0A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|