|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
FYS-4013AX - LED DIGIT DISPLAY - Ningbo Foryard Optoelectronics Co., Ltd. |
|
Click FYS-4013AX to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BQ-N426RD | 0.39 10.0MM FOUR DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-A342RD-B | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-AD44RD | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-C346RD | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-CD16RD | 2.30 56.90MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BX-M324RD | 0.30 7.80MM FIVE DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| FYS-40011E | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-30011AX | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYD-5021CX | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-23011C | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
Link URL |
|
|
Related keyword |
| FYS-4013AX Datasheet | FYS-4013AX Cross Reference | FYS-4013AX Schematic | FYS-4013AX Distributor | FYS-4013AX Datenblatt | FYS-4013AX RoHS |
| FYS-4013AX Equivalent | FYS-4013AX Application Notes | FYS-4013AX Data Sheet | FYS-4013AX component | FYS-4013AX Fiche Technique | FYS-4013AX Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |