|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RS2596 - 150KHz, 3A PWM Buck DC/DC Converter - Orister Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P1596 | 150KHZ 1.5A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Unisonic Technologies |
| AP1506 | 150KHz 3A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| AP1507 | 150KHz 3A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| AP1509 | 150KHz 2A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| RS1509 | 150KHz 2A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Orister Corporation |
| AP1501_1 | 150Khz 3A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
| AP1501A_1 | 150Khz 5A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
| AP1506_1 | 150KHz 3A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
| AP1515_1 | 150KHz 1.5A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
| AP1516 | 150KHz 3A PWM Buck DC/DC Converter + 1A Ultra Low | 1 2 3 4 5 More | Anachip Corp |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|