|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RL251 - 2PLASTIC SILICON RECTIFIER - Galaxy Semi-Conductor Holdings Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N649UR-1 | SILICON RECTIFIER | 1 | Microsemi Corporation |
| BYP53 | 25A Silicon Power Rectifier Diode | 1 2 3 4 5 | Zetex Semiconductors |
| HBL2A | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| MMB2505W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | 1 2 | Dc Components |
| DBA500G | Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| SM5400 | Standard silicon rectifier diodes | 1 2 | Semikron International |
| EGL34A_07 | Surface mount diode Ultrafast silicon rectifier diodes | 1 2 | Semikron International |
| 1N5400_07 | HIGH CURRENT PLASTIC SILICON RECTIFIER | 1 2 | Pan Jit International Inc. |
| SBU8A | SILICON SINGLE-PHASE BRIDGE RECTIFIER | 1 2 | Pan Jit International Inc. |
| BY4_06 | High voltage silicon rectifier diodes | 1 2 | Semikron International |
Datasheet Page |
1 2 |
Link URL |
|
|