|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FYS-20011DX-2 - LED DIGIT DISPLAY - Ningbo Foryard Optoelectronics Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BQ-N512RD | 0.56 14.20MM FOUR DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BS-CD26RD | 2.30 56..80MM single DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BT-M816RD | 0.80 20.0MM THREE DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| BX-M325RD | 0.36 9.20MM SIX DIGIT LED DISPLAY | 1 2 3 | BRIGHT LED ELECTRONICS CORP |
| FYS-40011EX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-23012AX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYD-5021EX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-23011CX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYD-3021GX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-23011IX | LED DIGIT DISPLAY | 1 2 3 4 | Ningbo Foryard Optoelectronics Co., Ltd. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|