Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29013 Datasheet (PDF) - Intersil Corporation

ISL29013 Datasheet PDF - Intersil Corporation
Part # ISL29013
Download  ISL29013 Download

File Size   537.07 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29013 Datasheet PDF - Intersil Corporation

Part # ISL29013
Download  ISL29013 Click to download

File Size   537.07 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29013 Datasheet (HTML) - Intersil Corporation

Back Button ISL29013 Datasheet HTML 1Page - Intersil Corporation ISL29013 Datasheet HTML 2Page - Intersil Corporation ISL29013 Datasheet HTML 3Page - Intersil Corporation ISL29013 Datasheet HTML 4Page - Intersil Corporation ISL29013 Datasheet HTML 5Page - Intersil Corporation ISL29013 Datasheet HTML 6Page - Intersil Corporation ISL29013 Datasheet HTML 7Page - Intersil Corporation ISL29013 Datasheet HTML 8Page - Intersil Corporation ISL29013 Datasheet HTML 9Page - Intersil Corporation ISL29013 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL29013 Product details

Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

The ISL29013 is an integrated light sensor with I2C interface. It has an internal signed15-bit integrating type ADC designed based on the charge-balancing A/D conversion technique. This ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The lux range select feature allows the user to program the lux range for optimized counts/lux.

Features
• Range select via I2C
    - Range 1 = 0 lux to 2,000 lux
    - Range 2 = 0 lux to 8,000 lux
    - Range 3 = 0 lux to 32,000 lux
    - Range 4 = 0 lux to 128,000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• Signed 15-bit resolution
• Adjustable resolution: up to 20 counts per lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)
• Operating temperature range: -40°C to 85°C

Applications
• Display and keypad backlight dimming for
    - Mobile Devices: Smart phone, PDA, and GPS
    - Computing devices: Notebook PC, UMPC web pod
    - Consumer devices: LCD-TV, digital picture frame, and digital cameras
• Industrial and medical light sensing




Similar Part No. - ISL29013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013IROZ-EVALZ RENESAS-ISL29013IROZ-EVALZ Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013IROZ-T7 RENESAS-ISL29013IROZ-T7 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Similar Description - ISL29013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com