|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MLX90255-BA - Linear Optical Array - Melexis Microelectronic Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TSL2301 | 102 X 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL3301-LF | 102 Ã 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL201R-LF | 64 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL202R | 128 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL208R | 512 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL210 | 640 Ã 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| 515-1069 | 3mm Round Optopipe Optical Light Pipe 3 Array | 1 | Dialight Corporation |
| TSL1401CS-LF | 128 Ã 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| 515-1070 | 3 x 5mm Rectangular Optopipe Optical Light Pipe 2 Array RJ45 Jack | 1 | Dialight Corporation |
| TSL1401R-LF | 128 Ã 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|