|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SGM2268YWQ10/T - 0.4Ω Ultra Low ON-Resistance, Dual, SPDT Analog Switch - Shengbang Microelectronics Co, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL84684II | Ultra Low ON-Resistance Low Voltage Single Supply Dual SPDT Analog Switch in Chipscale Package | 1 2 3 4 5 More | Intersil Corporation |
| ISL8499_06 | Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Quad SPDT Dual DPDT Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| ISL8484_06 | Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Dual SPDT Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| ISL54048 | Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Dual SPST Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| FSA2257_07 | Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| FSA5157_07 | 0.4Ω Low Voltage SPDT Analog Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| NLAS52231 | Ultra-Low 0.4Ω Dual SPDT Analog Switch with Overshoot | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|