|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XP1042-QT - 12.0-16.0 GHz Power Amplifier QFN, 3x3mm - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMQ1631-QH_07 | 13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XP1022-QF | 17.0-25.0 GHz GaAs MMIC Power Amplifier QFN | 1 2 3 4 5 More | Mimix Broadband |
| XX1001-QK_07 | 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier QFN 7x7mm | 1 2 3 4 5 | Mimix Broadband |
| XP1035-QH | 5.9-9.5 GHz Linear Power Amplifier QFN 4x4mm | 1 2 3 4 5 More | Mimix Broadband |
| XL1010-QT | 20.0-38.0 GHz GaAs MMIC Low Noise Amplifier 3x3mm QFN | 1 2 3 4 5 | Mimix Broadband |
| XX1001-QK | 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier QFN 7x7mm | 1 2 3 4 5 | Mimix Broadband |
| CMQ1332-QH | 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XP1020-QE | 11.0-19.0 GHz GaAs MMIC Power Amplifier QFN | 1 2 3 4 5 More | Mimix Broadband |
| CMQ1332-QH_07 | 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| CMQ1432-QH_08 | 13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|