|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XX1007-QT-0G0T - 13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XX1003-QC | 14.0-17.0/28.0-34.0 GHz Active Doubler QFN 5x5mm | 1 2 3 4 5 | Mimix Broadband |
| XX1000-QT_07 | 7.5-22.5/15.0-45.0 GHz Active Doubler QFN 3x3 mm | 1 2 3 4 5 More | Mimix Broadband |
| XX1001-QK | 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier QFN 7x7mm | 1 2 3 4 5 | Mimix Broadband |
| XX1002-QH_07 | 2.5-6.0/5.0-12.0 GHz Active Doubler QFN 4x4 mm | 1 2 3 4 5 More | Mimix Broadband |
| MC-7893_06 | 1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| 38TX0768-QB | 36.0-42.0 GHz GaAs Transmitter QFN 7x7 mm | 1 2 3 4 5 More | Mimix Broadband |
| XM1001-QH | 10.0-34.0 GHz Image Reject Mixer QFN 4x4 mm | 1 2 3 4 5 | Mimix Broadband |
| TPS62403 | 2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package | 1 2 3 4 5 More | Texas Instruments |
| XX1004-BD | 10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler | 1 2 3 4 5 More | Mimix Broadband |
| CGD1042H | 1 GHz 23 dB gain high output power doubler | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|