|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
7805A - fixed-voltage monolithicintegrated-circuit voltage regulators - Estek Electronics Co. Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| 1N5333B_06 | 5 Watt Surmetic TM 40 Zener Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| BZG03C15_05 | 600 Watt Peak Power Zener Surge Rated Voltage Regulators | 1 2 3 4 | ON Semiconductor |
| MMSZ2V4T1_06 | Zener Voltage Regulators 500 mW SOD−123 Surface Mount | 1 2 3 4 5 More | ON Semiconductor |
| L78M00_06 | Positive voltage regulators | 1 2 3 4 5 More | STMicroelectronics |
| TL750M-Q1 | AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| PQ1UXX1M2ZPH | Low Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators | 1 2 3 4 | Sharp Electrionic Components |
| PQ070XF02SZH | TO-220 Type Low Voltage Operation Low Power-Loss Voltage Regulators | 1 2 3 4 | Sharp Electrionic Components |
| GJ79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
Datasheet Page |
1 2 3 |
Link URL |
|
|