|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IL3480-XX - 100mA, Quasi Low-Dropout Voltage Regulator - Estek Electronics Co. Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KK3480 | 100mA Quasi Low-Dropout Voltage Regulator | 1 2 3 | KODENSHI KOREA CORP. |
| SP78LXX | 100mA 3-Terminal Positive Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
| LM79LXX | 100mA Negative Voltage Regulator | 1 2 3 4 | List of Unclassifed Manufacturers |
| MIC2920A_05 | 400mA Low-Dropout Voltage Regulator | 1 2 3 4 5 More | Micrel Semiconductor |
| AS29372 | LOW-DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | Austin Semiconductor |
| LT3020 | 100mA Low Voltage Very Low Dropout Linear Regulator | 1 2 3 4 5 More | Linear Technology |
| MIC2937A_06 | 750mA Low-Dropout Voltage Regulator | 1 2 3 4 5 More | Micrel Semiconductor |
| REG101_05 | DMOS 100mA Low-Dropout Regulator | 1 2 3 4 5 More | Texas Instruments |
| M2950 | 250 mA LOW-DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| UR3318 | 2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
Datasheet Page |
1 |
Link URL |
|
|