Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF40105 Datasheet (PDF) - STMicroelectronics

HCF40105 Datasheet PDF - STMicroelectronics
Part # HCF40105
Download  HCF40105 Download

File Size   260.49 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FIFO REGISTER

HCF40105 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40105 Datasheet PDF - STMicroelectronics

Part # HCF40105
Download  HCF40105 Click to download

File Size   260.49 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FIFO REGISTER

HCF40105 Datasheet (HTML) - STMicroelectronics

Back Button HCF40105 Datasheet HTML 1Page - STMicroelectronics HCF40105 Datasheet HTML 2Page - STMicroelectronics HCF40105 Datasheet HTML 3Page - STMicroelectronics HCF40105 Datasheet HTML 4Page - STMicroelectronics HCF40105 Datasheet HTML 5Page - STMicroelectronics HCF40105 Datasheet HTML 6Page - STMicroelectronics HCF40105 Datasheet HTML 7Page - STMicroelectronics HCF40105 Datasheet HTML 8Page - STMicroelectronics HCF40105 Datasheet HTML 9Page - STMicroelectronics HCF40105 Datasheet HTML 10Page - STMicroelectronics Next Button 

HCF40105 Product details

DESCRIPTION
The HCC40105B (extended temperature range) and HCF40105B (intermediate temperature range) are monolithic integrated circuits, available in16-lead dual in-line plastic or ceramic package.

■ INDEPENDENT ASYNCHRONOUS INPUTS AND OUTPUTS
■ 3-STATE OUTPUTS
■ EXPANDABLE IN EITHER DIRECTION
■ STATUS INDICATORS ON INPUT AND OUTPUT
■ RESET CAPABILITY
■ STANDARDIZED, SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARD No 13A, ”STANDARD
   SPECIFICATIONS FOR DESCRIPTION OF ”B”
   SERIES CMOS DEVICES”




Similar Part No. - HCF40105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
268Kb / 11P
   9-BIT PARITY GENERATOR/CHECKER
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
HCF40100B STMICROELECTRONICS-HCF40100B Datasheet
287Kb / 13P
   32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
HCF40100BC1 STMICROELECTRONICS-HCF40100BC1 Datasheet
287Kb / 13P
   32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
More results


Similar Description - HCF40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
logo
Intersil Corporation
CD40105BMS INTERSIL-CD40105BMS Datasheet
116Kb / 10P
   CMOS FIFO Register
December 1992
logo
Renesas Technology Corp
CD40105BMS RENESAS-CD40105BMS Datasheet
417Kb / 10P
   CMOS FIFO Register
December 1992
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com