Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB104 Datasheet (PDF) - HY ELECTRONIC CORP.

DB104 Datasheet PDF - HY ELECTRONIC CORP.
Part # DB104
Download  DB104 Download

File Size   39.96 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDEG RECTIFIERS

DB104 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB104 Datasheet PDF - HY ELECTRONIC CORP.

Part # DB104
Download  DB104 Click to download

File Size   39.96 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDEG RECTIFIERS

DB104 Datasheet (HTML) - HY ELECTRONIC CORP.

DB104 Datasheet HTML 1Page - HY ELECTRONIC CORP. DB104 Datasheet HTML 2Page - HY ELECTRONIC CORP.

DB104 Product details

REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere

FEATURES
● Rating to 1000V PRV
● Ideal for printed circuit board
● Low forward voltage drop,high current capability
● Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product
● The plastic material has UL flammability
   classification 94V-0




Similar Part No. - DB104

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB104 SURGE-DB104 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Goodwork Semiconductor ...
DB104 GWSEMI-DB104 Datasheet
63Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
DB104 MIC-DB104 Datasheet
55Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
DB104 DYELEC-DB104 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
DB104 DACHANG-DB104 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
More results


Similar Description - DB104

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S Datasheet
40Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DF005 HY-DF005 Datasheet
38Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DB201 HY-DB201 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005 HY-DF15005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com