Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS16A Datasheet (PDF) - HY ELECTRONIC CORP.

SS16A Datasheet PDF - HY ELECTRONIC CORP.
Part # SS16A
Download  SS16A Download

File Size   38.88 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS16A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS16A Datasheet PDF - HY ELECTRONIC CORP.

Part # SS16A
Download  SS16A Click to download

File Size   38.88 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS16A Datasheet (HTML) - HY ELECTRONIC CORP.

SS16A Datasheet HTML 1Page - HY ELECTRONIC CORP. SS16A Datasheet HTML 2Page - HY ELECTRONIC CORP.

SS16A Product details

FEATURES

● For surface mounted applications

● Metal-Semiconductor junction with guarding

● Epitaxial construction

● Very low forward voltage drop

● High current capability

● Plastic material has UL flammability classification 94V-0

● For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.



 




Similar Part No. - SS16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS16A ETC2-SS16A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS16A DACHANG-SS16A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
SS16A DACHANG-SS16A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SS16A LUGUANG-SS16A Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS16A YANGJIE-SS16A Datasheet
202Kb / 2P
   Schottky Rectifier
More results


Similar Description - SS16A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com