|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1SS15A1 - SCHOTTKY RECTIFIER - ETC |
|
Click 1SS15A1 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SSR1640A | 15 AMP 40 VOLTS SCHOTTKY RECTIFIER | Solid States Devices, Inc |
| SB1620CT_06 | 16A DUAL SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| FST4080 | 40 AMP SCHOTTKY BARRIER RECTIFIER | Microsemi Corporation |
| FST65180 | 60 AMP SCHOTTKY RECTIFIER | Microsemi Corporation |
| 20FQ | SCHOTTKY RECTIFIER | International Rectifier |
| SB1003M3 | Schottky Barrier Diode 30V 1.0A Rectifier | Sanyo Semicon Device |
| SBM0203R | Schottky Barrier Diode 30V 0.2A Rectifier | Sanyo Semicon Device |
| SBT80-04Y | Schottky Barrier Diode Twin Type กค Cathode Common 40V 8A Rectifier | Sanyo Semicon Device |
| SBT250-04L | Schottky Barrier Diode Twin Type กค Cathode Common 40V 25A Rectifier | Sanyo Semicon Device |
| SS0503SH | Schottky Barrier Diode 30V 0.5A Rectifier | Sanyo Semicon Device |
Link URL |
|
|
Related keyword |
| 1SS15A1 Datasheet | 1SS15A1 Cross Reference | 1SS15A1 Schematic | 1SS15A1 Distributor | 1SS15A1 Datenblatt | 1SS15A1 RoHS |
| 1SS15A1 Equivalent | 1SS15A1 Application Notes | 1SS15A1 Data Sheet | 1SS15A1 component | 1SS15A1 Fiche Technique | 1SS15A1 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |